PART |
Description |
Maker |
C1206C106J3RACTU C1206C106J9RACTU C0805C106K4RACTU |
X7R Dielectric, 6.3 ?250 VDC (Commercial Grade) Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ?250 VDC (Commercial Grade) X7R Dielectric, 6.3 ?250 VDC (Commercial Grade) X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
|
Kemet Corporation
|
04025A470JAQ2A 04025C472KAQ2A |
X7R Dielectric
|
AVX Corporation
|
C1206C825M9RAC C1206C106K8RAC C1206C106K9RAC C1206 |
Surface Mount Ceramic Chip Capacitors X7R Dielectric
|
KEMET[Kemet Corporation]
|
C1206C685M4RAC C1206C275K4RAC C1206C275M4RAC C1206 |
Surface Mount Ceramic Chip Capacitors X7R Dielectric
|
KEMET[Kemet Corporation]
|
2220HC682KAT1A 2220HC682KAZ1A 2225SC683KAZ1A 1812G |
1210, 1825, 2225, 3640 X7R Dielectric, High Voltage MLC Chips, Capacitor
|
AVX Corporation
|
C1210X473KCRACTU |
High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500VDC-3000VDC (Commercial Grade)
|
Kemet Corporation
|
C0805C82311RAC C0805C10312RAC C0805C10411RAC C0805 |
Surface Mount Ceramic Chip Capacitors Extended Values 0805, X7R Dielectric, 25, 50, 100, 200 Volts
|
KEMET[Kemet Corporation]
|
C325C473JFR5TA7301 C325C473JGR5HA7301 C323C473MCR5 |
High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
|
Kemet Corporation
|
C0603C152K2RACTU |
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ?250 VDC (Commercial Grade)
|
Kemet Corporation
|
W3F45C2218AT1F W3F45C4718AT1F W3F41A4708AT1A |
Ceramic Multilayer Capacitor; Capacitance:220pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes 1 FUNCTIONS, 50 V, 0.3 A, FEED THROUGH CAPACITOR Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes 1 FUNCTIONS, 50 V, 0.3 A, FEED THROUGH CAPACITOR FEEDTHRU CAP ARRAY, 47PF 100VFEEDTHRU CAP ARRAY, 47PF 100V; Capacitance:47pF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, op.
|
AVX, Corp. AVX CORP
|
C1210J685K1RACTU C1210J685K2RACTU C1210J685K3RALTU |
Open Mode Design (FO-CAP), X7R Dielectric, 16- 200 VDC (Commercial & Automotive Grade)
|
Kemet Corporation
|
C412C105K1R5TA7293 C412C105J3R5TA7293 C410C105J3R5 |
Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
|
Kemet Corporation
|